Part Number Hot Search : 
5253B 12GR5S PSB2115F NC7NZ04 UPG2053K 10241 UERP20D C3026
Product Description
Full Text Search
 

To Download THAR0806 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t h r o u g h h o l e p o w e r i n d u c t o r s THAR0806 t ype mechanical dimension: rohs compliant. high current ( lsat up to 40a ) though hole type. magnetically shielded, suitable for hight density mounting. high energy storage and low dcr. ideal for power source circuits, dc-dc converter, dc-ac inverters inductor application. in addition to the standard versions shown here, customized inductors are available to meet your exact requirements. features delt a electronics, inc. (taoyuan plant cpbg) 252, san ying road, kueisan industrial zone, taoyuan shien, 333, taiwan, r .o.c. tel: 886-3-3591968; fax: 886-3-3591991http://www.deltaww .com 150 b a g g 2x h e d c f electrical characteristics : at 25 : 100khz, 1v o c 1. lo is the initial inductance and the tolerance is 20%. 2. isat is the dc current which cause the inductance drop less than 20% of its nominal inductance without current. o 3. irms is the dc current which cause the surface temperature of the part increase approximately 45 c. oo 4. operating temperature : -40 c to 125 c ( including self-temperature rise ). recommended pad pa tterns unit : mm/inch a = 8.20 / 0.323 max.b = 8.20 / 0.323 max. c = 3.50 0.5 / 0.138 0.020 d = 6.00 / 0.236 max. p a r t n o . i sa t (a d c) i rm s (a d c) f 0 .1 (m m /in ch ) g 0 .5 (m m /in ch ) h m ax . (m m /in ch ) d c r (m ) 8% (u h ) 1 l 2 3 e 0 .5 (m m /in ch ) THAR0806-r47 0.47 2.6 34 19 6.3 / 0.248 0.8 / 0.031 4.5 / 0.177 1.2 / 0.047 THAR0806-0r6 0.60 2.6 30 19 6.3 / 0.248 0.8 / 0.031 4.5 / 0.177 1.2 / 0.047 THAR0806-0r8 0.80 3.0 27 18 6.3 / 0.248 0.8 / 0.031 4.5 / 0.177 1.2 / 0.047 THAR0806-1r0 1.00 4.7 22 15 6.3 / 0.248 0.7 / 0.028 4.5 / 0.177 1.1 / 0.043 THAR0806-1r2 1.20 4.7 21 15 6.3 / 0.248 0.7 / 0.028 4.5 / 0.177 1.1 / 0.043 THAR0806-1r5 1.50 6.0 15 12 6.8 / 0.268 0.6 / 0.024 5.0 / 0.197 1.0 / 0.039 THAR0806-1r8 1.80 10.4 14 10 6.8 / 0.268 0.5 / 0.020 5.0 / 0.197 0.9 / 0.035 THAR0806-2r0 2.00 10.4 12 9 6.8 / 0.268 0.5 / 0.020 5.0 / 0.197 0.9 / 0.035 THAR0806-2r5 2.50 11.5 10 8 6.8 / 0.268 0.5 / 0.020 5.0 / 0.197 0.9 / 0.035 0 0. 2 0. 4 0. 6 0. 8 1 1. 2 0 10 20 30 40 i n d u c t a n c e ( u h ) dc bias (a)


▲Up To Search▲   

 
Price & Availability of THAR0806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X